Part Number Hot Search : 
L200CV EMZA350A OPR5013 MPS6507 TP200 C4137 300N0 25A00
Product Description
Full Text Search
 

To Download LSP9-G-XXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features / benefits operating conditions mdexlumspot_d dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 ? www.dialight.com materials/finish applications mechanical dimensions any application requiring efficiency & long life in a circular, flood, spot or oval light pattern. patents pending led light engines single color extremely long life of 50,000 hours at 55oc pcb temperature durable f-form optics holder allow for easy changing of 4 lens options (5, 15, 25 degree + 5x20 degree oval)* available in 6 colors (cool white, warm white, red, blue, green, amber) aluminium based pcb for easier heat dissipation and more efficient operation units with production dates of 8/07 or later come with 22 awg 12 lead wires pre-attached (red+ / black-) recommended pcb temp=55oc maximum pcb temp = 105oc led life @ 55oc pcb temp = 50,000 hours for maximum performance efficiency and longevity, all lumispot led light engines should be screwed or affixed using thermal adhesive to an appropriate heat sink maximum current = 350ma thermal conductivity = 1.3w/m-k breakdown voltage = 2kv luxeon ? i leds 1.6mm aluminium clad pcb substrate white solder resist finish height (all models including lens) = 15.5mm (0.61) spot1, diameter = 21.5mm (0.85) spot3, diameter = 48.0mm (1.89) spot6, diameter = 69mm (2.72) (inside diameter = 23mm) (0.91) spot9, diameter = 90mm (3.54) lead wire length 12 (on equipped models) part numbers # of leds (a) 1 = 1 led / spot 1 3 = 3 leds / spot 3 6 = 6 leds / spot 6 9 = 9 leds / spot 9 led color (b) w = cool white ww = warm white r = red g = green b = blue a = amber lens type (ccc)** 005 = 5 degree 015 = 15 degree 025 = 25 degree 520 = 5 x 20 degree xxx = no lens* * this figure indicates half-divergence angle ** lens to be purchased and installed seperately dialight reserves the right to make changes at any time in order to supply the best product possible. lumispot
mdexlumspot_d dialight corporation 1501 route 34 south ? farmingdale, nj 07727 usa tel: (1) 732-919-3119 ? fax: (1) 732-751-5778 ? www.dialight.com photometric data typical led photometric data maximum current input 350ma maximum power consumption 1.2w per led for white / blue / green / warm white, 1.0w per led for red / amber. recommended min gauge wire, awg24 dialight reserves the right to make changes at any time in order to supply the best product possible. led light engines single color lumispot electrical specifications led color forward voltage (typ) max.current (ma) max. power (watts) dom wavelength / cct min luminous flux (lm) / radiometric power (mw) typ luminous flux (lm) / radiometric power (mw) min typ max red 2.95 350 1.03 620.5 nm 627 nm 645 nm 30.6 lm 44 lm green 3.42 350 1.20 520 nm 530 nm 550 nm 30.6 lm 53 lm royal blue 3.42 350 1.20 440 nm 455 nm 460 nm 145 mw 220 mw white 3.42 350 1.20 4500 k 5500 k 10000 k 30.6 lm 45 lm amber 2.95 350 1.03 584.5 nm 590 nm 597 nm 23.5 lm 42 lm w white 3.42 350 1.20 2850 k 3300 k 3800 k 13.9 lm 20 lm results are led manufacturers test data @ 25oc jtc. light output at 55oc pcb temperature will be approximately 15-20% lower. elevated temperatures will result in further degradation of light output. for maximum performance use appropriate heat sinking .


▲Up To Search▲   

 
Price & Availability of LSP9-G-XXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X